PART |
Description |
Maker |
UPD784935AGF-XXX-3BA UPD784935AGF-XXX-3BA-A UPD784 |
16-bit single-chip microcomputer 78K/4 Series(IEBus(TM)Controller on chip)
|
NEC
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
CXP50200 |
CMOS 4-bit 1Chip Microcomputer(EPROM equipped) CMOS 4-BIT 1 CHIP MICROCOMPUTER
|
SONY[Sony Corporation]
|
D8748H UPD8748H UPD8749H |
(D8748H / D8749H) 8-Bit NMOS Microcomputer (UPD8748H / UPD8749H) 8-Bit NMOS Microcomputer
|
NEC Electronics
|
ADSP-2195MBCA-140 ADSP-2195MBST-140 ADSP-2195MKCA- |
16-bit Fixed-Point DSP, 160 MIPS, 80 Kbytes RAM ADSP-2195 16-bit Fixed-Point DSP 140MHz; on-chip SRAM: 1.3M bit; DSP microcomputer 160MHz; on-chip SRAM: 1.3M bit; DSP microcomputer
|
Analog Devices
|
CXP5050 |
CMOS 4-bit 1Chip Microcomputer CMOS 4-BIT 1 CHIP MICROCOMPUTER
|
SONY[Sony Corporation]
|
CXP50212 CXP50216 |
CMOS 4-bit 1Chip Microcomputer CMOS 4-BIT 1 CHIP MICROCOMPUTER
|
SONY[Sony Corporation]
|
SM5K4 |
4-Bit Single Chip Microcomputer 4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
|
SHARP[Sharp Electrionic Components]
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|